Part Number Hot Search : 
IC16F6 2SD18 2SB17 2SB828 SF205 UCN5842 AM6922NH 0176FN
Product Description
Full Text Search
 

To Download BAT54SW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Schottky Diode
COMCHIP
www.comchip.com.tw
BAT 54W Series
Features
Low turn-on voltage Fast switching PN Junction Guard Ring for Transient and ESD Protection.
Voltage: 30 Volts Current: 200mA
SOT-323
.087 (2.2) .070 (1.8)
.016 (.40)
Mechanical data
Case: SOT - 323, Plastic Terminals: Solderable per MIL-STD-202, Method 208 Approx. Weight: 0.008 gram
Top View
.054 (1.35) .045 (1.15)
3
BAT54W
3
CATHODE
BAT54AW
CATHODE
1
2
.004 (0.1) max.
1
1
ANODE
ANODE
2
CATHODE
.006 (0.15) .002 (0.05)
3
.056(1.4) .047(1.2)
CATHODE
ANODE
1
ANODE
CATHODE
ANODE
1
2
CATHODE
3
CATHODE
3
2
ANODE
.016 (.40)
.016 (.40) max.
.087 (2.2) .078(2. 0)
BAT54CW
BAT54SW
Dimensions in inches (millimeters)
Maximum Ratings and Electrical Characterics
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Parameter Symbol BAT54W BAT54AW BAT54CW BAT54SW VRRM 30 Peak Repetitive Reverse Voltage Maximum Average Forward Current at Ta=25C Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage Thermal Resistance, Junction to Ambient Air Operating Junction Temperature Range Storage Temperature Range IO IFSM VF IR R
AJ
.044 (1.10) .035 (0.90)
Units V A A V mA C/W C C
0.2 0.6 0.32 @ IF=0.001A 1.0 @ IF=0.1A 0.002 @ VR=25V 635 -55 TO +125 -55 TO +125
TJ TSTG
MDS0303003A
Page 1
Surface Mount Schottky Diode
INSTANTANEOUSFORWARDCURRENT (mA)
COMCHIP
www.comchip.com.tw
RATING AND CHARACTERISTIC CURVES (BAT54W Series)
10,000
REVERSE CURRENT, mAmps
1.0
TJ=100 C
O
TJ=100 C
O
1,000
0. 1
TJ=25 C
O
TJ=75 C
O
100
0.0 1
0
5
10
15
20
25
0.1
0.2
0.3
0.4
0.5
REVERSE VOLTAGE, Volts
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TYPICAL REVERSE CURRENT
TYPICAL FORWARD VOLTAGE
10
800 700 600 500 400 300
REVERSE CURRENT, mAmps
1
TJ=25 C
O
0.1
0.01
CAPACITANCE, 10-2
PF
200 100
0.001
10 15 20 25 5 30 0 35
0
5
10
15
20
25
REVERSE VOLTAGE, Volts
REVERSE VOLTAGE, Volts
TYPICAL REVERSE CURRENT
TYPICAL JUNCTION CAPACITANCE
AVERAGE FORWARD CURRENT, AMPS
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1
0
20
30
40
50
60
70
80
90 100 110 120 130
O
AMBIENT LEAD TEMPERATURE, C
CURRENT DERATING
MDS0303003A
Page 2


▲Up To Search▲   

 
Price & Availability of BAT54SW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X